PART |
Description |
Maker |
GLDW34V03 GLDW34V03PSR-003-123 GLDW34V03PER-001-12 |
High-efficiency DC/DC Converter 48V Input, 18V to 34VDC Output, 3A Output
|
GALAXY[Galaxy Power, Inc.]
|
ISL55100B |
Quad 18V Pin Electronics Driver/Window Comparator 四路18V的引脚电子驱动器/窗口比较
|
Intersil, Corp.
|
MT-12864A MT12864A |
MOSFET Driver IC; MOSFET Driver Type:Quad Drivers, Low Side H Bridge; Peak Output High Current, Ioh:1.2A; Rise Time:14ns; Fall Time, tf:13ns; Load Capacitance:1000pF; Package/Case:16-SOIC; No. of Drivers:4; Supply Voltage Max:18V RoHS Compliant: Yes MT12864A
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
XR3080-88X XR3081XED-F XR3082XID-F |
HIGH OUTPUT 18V TOLERANT RS-485/RS-422 5V TRANSCEIVERS
|
Exar Corporation
|
MCP16323T-330E |
18V Input, 3A Output, High Efficiency Synchronous Buck Regulator with Power Good Indication
|
Microchip Technology
|
5962F9800801VEC 5962F9800801VXC ACS257KMSR-02 ACS2 |
Radiation Hardened Quad 2-Input Multiplexer with Three-State Outputs AC SERIES, QUAD 2 LINE TO 1 LINE MULTIPLEXER, TRUE OUTPUT, CDFP16 Radiation Hardened Quad 2-Input Multiplexer with Three-State Outputs AC SERIES, QUAD 2 LINE TO 1 LINE MULTIPLEXER, TRUE OUTPUT, UUC16 Radiation Hardened Quad 2-Input Multiplexer with Three-State Outputs AC SERIES, QUAD 2 LINE TO 1 LINE MULTIPLEXER, TRUE OUTPUT, CDIP16 Radiation Hardened
Quad 2-Input Multiplexer with Three-State Outputs(抗辐射四2输入多换器(三态输出)) 1.0 UF 80/-20% 10V Y5V (0603) CHIP CAP
|
Intersil, Corp. Intersil Corporation
|
28C64AX-20/K 28C64AX-25/K 28C64AX-15I/K 28C64AX-15 |
Evaluation Kit for the MAX5883, MAX5884, MAX5885 Quad, 12-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC 128Kx8 EEPROM 16-Bit DACs with 16-Channel Sample-and-Hold Outputs Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs 12-Bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs 12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface 3.3V Transceiver with Two EIA TIA 562 Receivers Active in Shutdown x8的EEPROM
|
Microchip Technology, Inc.
|
MAX526 MAX526CCNG MAX526CCWG MAX526CENG MAX526CEWG |
Galibrated Quad 12-Bit Voltage-Output D/A Converters Calibrated, Quad, Voltage-Output, 12-Bit DAC
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
5962F9671501VCC 5962F9671501VXC ACTS125MS ACTS125H |
Radiation Hardened Quad Buffer/ Three-State Radiation Hardened Quad Buffer Three-State From old datasheet system Radiation Hardened Quad Buffer, Three-State 辐射加固四缓冲,三 ECONOLINE: RD & RC - Dual Output from a Single Input Rail- 1kVDC & 2kVDC Isolation- Power Sharing on Output- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 86% 辐射加固四缓冲,三
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
M54HC375 M54HC375F1R M74HC375 M74HC375B1R M74HC375 |
QUAD D TYPE LATCH 8-Bit, 10 us Quad DAC, Serial Input, Simple 2 Wire Interface, Prgrmmble 1x or 2x Output, PowerDown 14-SOIC -40 to 85
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
MM74HC125M MM74HC125MTC MM74HC125N MM74HC125SJ MM7 |
MM74HC125, MM74HC126 3-STATE Quad Buffers 3-STATE Quad Buffers; Package: TSSOP; No of Pins: 14; Container: Tape & Reel HC/UH SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PDSO14
|
Fairchild Semiconductor, Corp.
|